PART |
Description |
Maker |
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
SAFC942.5MYJ1C0T-TC00 SAFC902.5MC90T-TC11 SAFC902. |
1 FUNCTIONS, 942.5 MHz, SAW FILTER CERAMIC, SC33 1 FUNCTIONS, 902.5 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1575.5 MHz, SAW FILTER 1 FUNCTIONS, 895.5 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 947.5 MHz, SAW FILTER 1 FUNCTIONS, 820 MHz, SAW FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
S3LP507L S3LP807L S3LP156L S3HP807L S3HP156L S3HP1 |
Surface Mount LC Filters High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com 30 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 800 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 300 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 60 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 500 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 15 MHz, HIGH PASS FILTER LC filter, low pass, SMT, RoHS 1000 MHz, LOW PASS FILTER
|
Coilcraft lnc. http:// Coilcraft, Inc.
|
NFR21GD4701012L NFR21GD4704702L |
EMI FILTER RC 47PF 100 OHM 35MA 50V 0805 1 FUNCTIONS, 50 V, 0.025 A, DATA LINE FILTER 47R-47PF RC FILTER 0805 1 FUNCTIONS, 50 V, 0.035 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
LTC1264-7CSW LTC1264-71 LTC1264-7CSWTR LTC1264-7CN |
SWITCHED CAPACITOR FILTER, BESSEL, LOWPASS, PDIP14 High Speed, Quad Universal Filter Building Block; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C SWITCHED CAPACITOR FILTER, BESSEL, LOWPASS, PDSO16 Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC1064-709 LTC1064-7CSW |
Linear Phase, 8th Order Lowpass Filter Low Noise, Fast, Quad Universal Filter Building Block; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C SWITCHED CAPACITOR FILTER, BESSEL, LOWPASS, PDSO16
|
Linear Technology, Corp.
|
KF450BS KF450BV KF414BV KF422BV |
450MHz Band Pass SAW Filter(中心频率B>450MHz的带通声表面滤波 414MHz Band Pass SAW Filter(中心频率14MHz的带通声表面滤波 422MHz Band Pass SAW Filter(涓??棰??涓?22MHz??甫??0琛ㄩ?婊ゆ尝??
|
KEC Holdings
|
EM10Q100 EM10Q-100 EM10Q-100-T13 EM10Q-100-LF-T13 |
10 FUNCTIONS, DATA LINE FILTER LCD - EMI FILTER/TVS ARRAY
|
PROTEC[Protek Devices]
|
4202-027 |
EMI/RFI FILTER Bushing #12 1 FUNCTIONS, 350 V, 15 A, DATA LINE FILTER
|
Tusonix, Inc.
|
664D |
The 664D filter is a 3 phase (Delta) filter. This series is designed to be used with military system
|
JMK Inc.
|
B39162-B1657-B510 |
SAW RF low loss filter Satellite CSS 1 FUNCTIONS, 1586.36 MHz, SAW FILTER
|
http:// EPCOS AG
|
4251-010 |
EMI/RFI FILTER Bushing #8 1 FUNCTIONS, 50 V, 15 A, DATA LINE FILTER
|
TUSONIX, Inc. TUSONIX INC
|
|